PART |
Description |
Maker |
MC10H106 MC100EL29DWR2 MC10H117 MC10H117FN MC100EP |
Triple 4-3-3-Input NOR Gate 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset Dual 2-Wide 2-3-Input OR-AND/OR-AND-Invert Gate 3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing 5V ECL 2-Input XOR/XNOR 4-Wide OR-AND/OR-ANDbar Gate 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V ECL Triple D-Type Flip-Flop with Set and Reset 3.3V / 5V ECL ÷2 Divider 5V ECL Differential Data and Clock D Flip-Flop
|
ON Semiconductor
|
MC100EP016 MC100EP445FAR2 MC10H424FN MC100EP016A M |
3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 3.3V / 5VECL 8-Bit Serial/Parallel Converter Quad TTL-ECL Translator 5V ECL 6-Bit 2:1 Mux Latch 4-Wide OR-AND/OR-ANDbar Gate Quad 2-Input AND Gate 3.3V / 5V ECL ÷2 Divider 3.3V / 5V ECL Quad 2-Input Differential AND/NAND 5V ECL Quad 4-Input OR/NOR Gate
|
ON Semiconductor
|
MC100LVE222 MC100LVE222FAR2 ON0511 MC100LVE222FA |
0.345A, 2.7-5.5V Quad (2In/ 4Out) Hi-Side MOSFET, Fault Report, Act-Low Enable 16-SOIC 0 to 85 Low Voltage 1:15 Differential ±1±2 ECL/PECL Clock Driver From old datasheet system MARKING DIAGRAM Low Voltage 1:15 Differential 12 ECL/PECL Clock Driver Low Voltage 1:15 Differential ÷1÷2 ECL/PECL Clock Driver
|
ONSEMI[ON Semiconductor]
|
MC10E45206 MC100E452FN MC100E452FNG MC100E452FNR2 |
5V ECL 5-Bit Differential Register
|
ONSEMI[ON Semiconductor]
|
HK-A2907-FREQ HK-A2901-FREQ HK-A2900-FREQ SK-2900 |
5 V, /-20 ppm, differential positive ECL crystal clock oscillator 5 V, /-25 ppm, differential positive ECL crystal clock oscillator 5 V, /-100 ppm, differential positive ECL crystal clock oscillator 3.3 V, /-50 ppm, differential positive ECL crystal clock oscillator CRYSTAL CLOCK OSCILLATORS 晶体时钟振荡 3.3 V, /-100 ppm, differential positive ECL crystal clock oscillator 3.3 V, /-25 ppm, differential positive ECL crystal clock oscillator 5 V, /-50 ppm, differential positive ECL crystal clock oscillator 5 V,customer specific, differential positive ECL crystal clock oscillator
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] NEL Frequency Controls
|
MC100E431FNG MC100E431FNR2G MC10E43106 MC10E431FNR |
5V ECL 3-Bit Differential Flip-Flop
|
ONSEMI[ON Semiconductor]
|
AZ100EL16VS AZ100EL16VSDR2 AZ100EL16VSL AZ100EL16V |
4.2 V-5.5 V, ECL/PECL differential receiver ECL/PECL Differential Receiver with Variable Output Swing
|
Arizona Microtek ETC[ETC] List of Unclassifed Manufacturers
|
P6SMBJ13 P6SMBJ36 P6SMBJ90CA P6SMBJ P6SMBJ10 P6SMB |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts 2.5V / 3.3V ECL ÷2, ÷4, ÷8 Clock Generation Chip; Package: SOIC 16 LEAD; No of Pins: 16; Container: Rail; Qty per Container: 48 3.3V / 5V ECL ÷2 Divider; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Rail; Qty per Container: 100 表面贴装瞬态电压抑制电 5.0 - 170Volts 5V ECL Quint 2-Input XOR/XNOR Gate; Package: 28 LEAD PLCC; No of Pins: 28; Container: Tape and Reel; Qty per Container: 500 表面贴装瞬态电压抑制电 5.0 - 170Volts SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts 表面贴装瞬态电压抑制电 5.0 - 170Volts 3.3V ECL Dual 1:3 Fanout Buffer; Package: SOIC-20 WB; No of Pins: 20; Container: Tape and Reel; Qty per Container: 1000 5V ECL Quint 2-Input AND/NAND Gate; Package: 28 LEAD PLCC; No of Pins: 28; Container: Tape and Reel; Qty per Container: 500 3.3V ECL ÷2 Divider; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 5 V ECL 9-Bit Magnitude Comparator; Package: 28 LEAD PLCC; No of Pins: 28; Container: Tape and Reel; Qty per Container: 500 2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver; Package: 32 LEAD LQFP 7x7, 0.8P; No of Pins: 32; Container: Tray; Qty per Container: 250 BBG ECL MLTIPLXR 16CHAN; Package: 28 LEAD PLCC; No of Pins: 28; Container: Tape and Reel; Qty per Container: 500 5V ECL 1:2 Differential Fanout Buffer; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Rail; Qty per Container: 100 5V ECL 2-Bit 8:1 Multiplexer; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 3.3V ECL Differential Clock D Flip-Flop; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 5V ECL 2-Input Differential AND/NAND; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Rail; Qty per Container: 100 3.3V ECL Differential Clock D Flip-Flop; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Rail; Qty per Container: 100 NECL OUTPUT TRANSLATOR; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38 BBG ECL COUNTER 8BIT; Package: 28 LEAD PLCC; No of Pins: 28; Container: Tape and Reel; Qty per Container: 500
|
PanJit International, Inc. Surge Components, Inc. SURGE[Surge Components] http://
|
MC100EP445 MC10H100MEL MC10E1651FNR2 NUP4201MR6T1 |
3.3V / 5VECL 8-Bit Serial/Parallel Converter Quad 2-Input NOR Gate With Strobe 5V, -5V ECL Dual ECL Output Comparator With Latch Low Capacitance Surface Mount TVS for High-Speed Data Interfaces -3.3V / -5V Triple ECL Input to PECL Output Translator 3.3V 10-bit LVTTL/LVCMOS to LVPECL Translator
|
ON Semiconductor
|
AZ100LVE111FN |
ECL/PECL 1:9 Differential Clock Driver ECL / PECL:9差分时钟驱动
|
Arizona Microtek, Inc.
|
MC10H680-D |
4-Bit Differential ECL Bus to TTL Bus Transceiver
|
ON Semiconductor
|
MC100LVEL4006 MC10LVEL40DW MC10LVEL40DWG MC10LVEL4 |
3.3/5VECL Differential Phase?Frequency Detector 3.3/5V ECL Differential Phase−Frequency Detector
|
ONSEMI[ON Semiconductor]
|